PART |
Description |
Maker |
S3902 S3903 S3903-1024Q S3903-512Q |
MOSFET, Switching; VDSS (V): 400; ID (A): 17; Pch : -; RDS (ON) typ. (ohm) @10V: 0.25; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V MOSFET, Switching; VDSS (V): 450; ID (A): 14; Pch : -; RDS (ON) typ. (ohm) @10V: 0.43; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V NMOS linear image sensor Current output, high UV sensitivity, excellent linearity, low power consumption MOSFET, Switching; VDSS (V): 450; ID (A): 22; Pch : -; RDS (ON) typ. (ohm) @10V: 0.25; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1800; toff (µs) typ: -; Package: TO-3P
|
Hamamatsu Photonics
|
S6968-01 |
MOSFET, Switching; VDSS (V): 60; ID (A): 2; Pch : 0.8; RDS (ON) typ. (ohm) @10V: -; RDS (ON) typ. (ohm) @4V[4.5V]: [0.111]; RDS (ON) typ. (ohm) @2.5V: 0.129; Ciss (pF) typ: 320; toff (µs) typ: 0.0397; Package: MPAK
|
Hamamatsu Photonics
|
SKDH146-L100 SKDH146_12-L100 SKDH146_16-L100 SKDH1 |
MOSFET; ID (A): 0.03; VDS (V): 6; Pch : 0.25; |yfs| (S) typ: 29/29; PG (dB) typ: 30/30; Ciss (pF) typ: 2.1/2.1; NF (dB) typ: 1.1/1.1; IDSS (mA): Package: CMPAK-6 3-Phase Bridge Rectifier IGBT braking chopper
|
Semikron International
|
1SS301 |
Low forward voltage:VF(3) = 0.90 V(Typ) Fast reverse recovery time:trr = 1.6 ns (Typ) Ultra High Speed Switching Application
|
TY Semiconductor Co., Ltd TY Semicondutor
|
R9110 |
MOSFET, Switching; VDSS (V): 150; ID (A): 14; Pch : -; RDS (ON) typ. (ohm) @10V: 0.097; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V
|
Hamamatsu Photonics
|
S110-X-15 |
Input Series Limiting Resistor (300Ω TYP)
|
Solid State Optronic
|
2SC3356 |
Low noise and high gain. NF = 1.1 dB Typ., Ga = 11 dB Typ. @VCE = 10 V, IC= 7 mA, f = 1.0 GHz
|
TY Semiconductor Co., Ltd
|
VTS3186 VTS3086 |
Process photodiode. Isc = 80 microA(typ), Voc = 0.45 mV(typ) at H = 1000 lux, 2850 K.
|
PerkinElmer Optoelectronics
|
1SS268 |
Small Total capacitance: CT = 1.2pF(Max) Low series resistance: rs = 0.6(Typ.)
|
TY Semiconductor Co., Ltd
|
LO503NBG1-15Q |
Blue green 15 degrees 5 mm LED lamp with water transparent lens. Wavelength(typ.) 505 nm. Luminous intensity(typ.) 4500 mcd.
|
Marktech Optoelectronics
|
1SS190 |
Small Package Low forward voltage :VF(3) = 0.92 V(Typ.) Small Total Capacitance :CT = 2.2pF(Typ.)
|
TY Semiconductor Co., Ltd
|
STH300NH02L-6 |
N-channel 24 V, 0.95 mOhm typ., 180 A STripFET(TM) Power MOSFET in a H2PAK-6 package Automotive-grade N-channel 24 V, 0.95 typ., 180 A
|
ST Microelectronics STMicroelectronics
|